| データシートサーチシステム |
|
AM79C874VC データシート(PDF) 19 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C874VC データシート(HTML) 19 Page - Advanced Micro Devices |
|
19 / 60 page ![]() Am79C874 19 P R E L I M INARY Table 2. Code-Group Mapping MII (TXD[3:0]) Name PCS Code-Group Interpretation 0 0 0 0 0 1 1 1 1 0 Data 0 0 0 0 1 1 0 1 0 0 1 Data 1 0 0 1 0 2 1 0 1 0 0 Data 2 0 0 1 1 3 1 0 1 0 1 Data 3 0 1 0 0 4 0 1 0 1 0 Data 4 0 1 0 1 5 0 1 0 1 1 Data 5 0 1 10 6 0 1 1 1 0 Data 6 0 1 1 1 7 0 1 1 1 1 Data 7 1 0 0 0 8 1 0 0 1 0 Data 8 1 0 0 1 9 1 0 0 1 1 Data 9 1 0 1 0 A 1 0 1 1 0 Data A 1 0 1 1 B 1 0 1 1 1 Data B 1 1 0 0 C 1 1 0 1 0 Data C 1 1 0 1 D 1 1 0 1 1 Data D 1 1 1 0 E 1 1 1 0 0 Data E 1 1 1 1 F 1 1 1 0 1 Data F Undefined I 1 1 1 1 1 IDLE; used as inter-Stream fill code 0 1 0 1 J 1 1 0 0 0 Start-of-Stream Delimiter, Part 1 of 2; always used in pairs with K 0 1 0 1 K 1 0 0 0 1 Start-of-Stream Delimiter, Part 2 of 2; always used in pairs with J Undefined T 0 1 1 0 1 End-of-Stream Delimiter, Part 1 of 2; always used in pairs with R Undefined R 0 0 1 1 1 End-of-Stream Delimiter, Part 2 of 2; always used in pairs with T Undefined H 0 0 1 0 0 Transmit Error; used to force signaling errors Undefined V 0 0 0 0 0 Invalid Code Undefined V 0 0 0 0 1 Invalid Code Undefined V 0 0 0 1 0 Invalid Code Undefined V 0 0 0 1 1 Invalid Code Undefined V 0 0 1 0 1 Invalid Code Undefined V 0 0 1 1 0 Invalid Code Undefined V 0 1 0 0 0 Invalid Code Undefined V 0 1 1 0 0 Invalid Code Undefined V 1 0 0 0 0 Invalid Code Undefined V 1 1 0 0 1 Invalid Code |