| データシートサーチシステム |
|
AM79C874VC データシート(PDF) 33 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C874VC データシート(HTML) 33 Page - Advanced Micro Devices |
|
33 / 60 page ![]() Am79C874 33 P R E L I M INARY Auto-Negotiation Link Partner Ability Register in Base Page Format (Register 5) Table 15. Auto-Negotiation Link Partner Ability Register in Base Page Format (Register 5) Auto-Negotiation Link Partner Ability Register in Next Page Format (Register 5) Table 16. Auto-Negotiation LInk Partner Ability Register in Next Page Format (Register 5) Reg Bit Name Description Read/ Write Default 515 Next Page 1 = Next Page Requested by Link Partner 0 = Next Page Not Requested RO 0 5 14 Acknowledge 1 = Link Partner Acknowledgement 0 = No Link Partner Acknowledgement RO 0 5 13 Remote Fault 1 = Link Partner Remote Fault Request 0 = No Link Partner Remote Fault Request RO 0 5 12:11 Reserved Reserved for Future Technology RO 5 10 Flow Control 1 = Link Partner supports Flow Control. 0 = Link Partner does not support Flow Control. RO 0 5 9 100BASE-T4 1 = Remote Partner is 100BASE-T4 Capable 0 = Remote Partner is not 100BASE-T4 Capable RO 0 58 100BASE-TX Full Duplex 1 = Link Partner is capable of 100BASE-TX Full Duplex 0 = Link Partner is Not Capable of 100BASE-TX Full Duplex RO 0 57 100BASE-TX Half Duplex 1 = Link Partner is Capable of 100BASE-TX Half Duplex 0 = Link Partner is Not Capable of 100BASE-TX Half Duplex RO 0 56 10BASE-T Full Duplex 1 = Link Partner is capable of 10BASE-T Full Duplex 0 = Link Partner is Not Capable of 10BASE-T Full Duplex RO 0 55 10BASE-T Half Duplex 1 = Link Partner is capable of 10BASE-T Half Duplex 0 = Link Partner is Not Capable of 10BASE-T Half Duplex RO 0 5 4:0 Selector Field Link Partner Selector Field RO 00001 Reg Bit Name Description Read/ Write Default 515 Next Page 1 = Next Page Requested by Link Partner 0 = Next Page Not Requested RO 0 5 14 Acknowledge 1 = Link Partner Acknowledgement 0 = No Link Partner Acknowledgement RO 0 5 13 Message Page 1 = Link Partner message Page Request 0 = No Link partner Message Page Request RO 0 5 12 Acknowledge 2 1 = Link Partner can Comply Next Page Request 0 = Link Partner cannot Comply Next Page Request RO 0 5 11 Toggle Link Partner Toggle RO 0 5 10:0 Message Field Link Partner’s Message Code RO 0 |