| データシートサーチシステム |
|
PSD4235G2V-10UI データシート(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD4235G2V-10UI データシート(HTML) 52 Page - STMicroelectronics |
|
52 / 100 page ![]() PSD4256G6V 52/100 This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice. MC683xx and MC68HC16 Figure 22 shows a MC68331 with a 16-bit non- multiplexed data bus and 24-bit address bus. The data bus from the MC68331 is connected to Port F (D0-D7) and Port G (D8-D15). The SIZ0 and A0 in- puts determine the high/low byte selection. The R/ W, DS and SIZ0 signals are connected to the CNTL0-CNTL2 pins. The MC68HC16, and other members of the MC683xx family, has the same bus connection to the PSD as the MC68331 shown in Figure 22. Figure 22. Interfacing the PSD with an MC68331 VCC_BAR D[15:0] A16 A5 D1 D13 DS\ AS A8 D12 A1 A18 A19 A23 D4 D12 D8 A22 D7 D3 A[23:0] D3 D11 A16 A17 D14 D13 A3 D2 D5 A19 A0 A12 D2 A4 R/W\ D6 D5 RESET\ A7 A2 A13 A14 A15 D7 D9 D10 D15 D4 A17 A6 SIZ0 D10 D15 A18 A21 A11 D0 D1 D6 D11 D14 D9 D0 A20 D8 A9 A10 MC68331 A1 20 A2 21 A3 22 A4 23 A5 24 A6 25 A7 26 A8 27 A9 30 A10 31 A11 32 A12 33 A13 35 A14 36 A15 37 A16 38 A17 41 A18 42 A19_CS6/ 121 A20_CS7/ 122 A21_CS8/ 123 A22_CS9/ 124 A23_CS10/ 125 R_W 79 AS 82 D0 111 D1 110 D2 109 D4 105 D5 104 D6 103 D7 102 D8 100 D9 99 D10 98 D11 97 D13 93 D14 92 D15 91 A0 90 D3 108 D12 94 DS 85 SIZ0 81 SIZ1 80 CSBOOT/ 112 BR_CS0/ 113 BG_CS1/ 114 BGACK_CS2/ 115 FC0_CS3/ 118 FC1_CS4/ 119 FC2_CS5/ 120 RESET 68 DSACK0 89 DSACK1 88 CLKOUT 66 IRQ1 77 IRQ2 76 IRQ3 75 IRQ4 74 IRQ5 73 IRQ6 72 IRQ7 71 PSD ADIO0 3 ADIO1 4 ADIO2 5 ADIO3 6 ADIO4 7 ADIO5 10 ADIO6 11 ADIO7 12 ADIO9 14 ADIO10 15 ADIO11 16 ADIO12 17 ADIO13 18 ADIO14 19 ADIO15 20 PF0 31 PF1 32 PF2 33 PF3 34 PF4 35 PF5 36 PF6 37 PF7 38 PG1 22 PG2 23 PG3 24 PG4 25 PG5 26 PG6 27 PG7 28 PA5 56 PA6 57 PA7 58 CNTL0(R/W) 59 CNTL1(DS) 60 CNTL2 (SIZ0) 40 PD0 (AS) 79 RESET 39 ADIO8 13 PG0 21 PA3 54 PA4 55 PA2 53 PA0 51 PA1 52 PB0 61 PB1 62 PB2 63 PB3 64 PB4 65 PB5 66 PB6 67 PB7 68 PC0 41 PC1 42 PC2 43 PC3 44 PC4 45 PC5 46 PC6 47 PC7 48 PE0 (TMS) 71 PE1 (TCK/ST) 72 PE2 (TDI) 73 PE3 (TDO) 74 PE4 (TSTAT/RDY) 75 PE5 (TERR) 76 PE7 (VBATON) 78 PD2 (CSI) 1 PD1 (CLKIN) 80 PD3 2 PE6 (VSTBY) 77 RESET\ A[23:0] D[15:0] AI04951b |