| データシートサーチシステム |
|
PSD4235G2V-10UI データシート(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD4235G2V-10UI データシート(HTML) 36 Page - STMicroelectronics |
|
36 / 100 page ![]() PSD4256G6V 36/100 This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice. Configuration Modes for MCUs with Separate Program and Data Spaces Separate Space Modes. Program space is sep- arated from Data space. For example, Program Select Enable (PSEN, CNTL2) is used to access the program code from the primary Flash memory, while READ Strobe (RD, CNTL1) is used to ac- cess data from the secondary Flash memory, SRAM and I/O Port blocks. This configuration re- quires the VM register to be set to 0Ch (see Figure 9). Combined Space Modes The Program and Data spaces are combined into one memory space that allows the primary Flash memory, secondary Flash memory, and SRAM to be accessed by either Program Select Enable (PSEN, CNTL2) or READ Strobe (RD, CNTL1). For example, to configure the primary Flash mem- ory in Combined space, Bits 2 and 4 of the VM reg- ister are set to 1 (see Figure 10). 80C31 Memory Map Example See the Application Notes for examples. Figure 9. 8031 Memory Modules – Separate Space Figure 10. 8031 Memory Modules – Combined Space Primary Flash Memory DPLD Secondary Flash Memory SRAM RS0 CSBOOT0-3 FS0-FS15 CS CS CS OE OE RD PSEN OE AI04922 Primary Flash Memory DPLD Secondary Flash Memory SRAM RS0 CSBOOT0-3 FS0-FS15 RD CS CS CS RD OE OE VM REG BIT 2 PSEN VM REG BIT 0 VM REG BIT 1 VM REG BIT 3 VM REG BIT 4 OE AI04923 |