| データシートサーチシステム |
|
TMF8821 データシート(PDF) 21 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMF8821 データシート(HTML) 21 Page - OSRAM GmbH |
|
21 / 37 page ![]() Document Feedback TMF882X Using the EVM Software Demo Kit Manual • PUBLIC UG000495 • v6-00 • 2022-May-19 36 │ 20 You can find the version of the current EVM GUI in the "About" dialog in the main menu – “Help / About Dialog ”. The EVM GUI also writes this information into the first lines of each generated log file. Please refer to the separate documentation for the EVM GUI log file format for more details. "Measurement" Box [11] Figure 17: Measurement Box The controls in this box allow you to select one zone in the field of view. For this zone, the GUI displays the current object data values. ● "Zone" - select the zone you are interested in ● “Dist 1." - distance to the first object in the selected zone (in mm) ● "Conf 1." - confidence for the object detection of the first object in the selected zone ● "Dist 2." and "Conf 2." provide the current data for the second object in the selected zone (in mm) The sensor did not detect objects if confidence 1 or 2 is equal zero. |