| データシートサーチシステム |
|
TMF8821 データシート(PDF) 32 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMF8821 データシート(HTML) 32 Page - OSRAM GmbH |
|
32 / 37 page ![]() Document Feedback TMF882X Drivers Demo Kit Manual • PUBLIC UG000495 • v6-00 • 2022-May-19 36 │ 31 4 Drivers ams OSRAM recommends to use one of the available software drivers to operate the TMF882X. The following drivers are available: ● Linux driver – use this for any Linux system (e.g. Android) where the driver is running on the application processor. ● MCU driver (sometimes referenced as bare metal driver) – the hardware functions for executing the I2C routines can be easily replaced to simply port this driver to systems without operating systems or systems not running Linux Information Please find the documentation for the “User Application Programming Interface” for the TMF882X Linux kernel driver in the driver sources archive (e.g. in TMF882x_Driver_Linux_Source_v3.51.zip). The documentation is in a file in MarkDown format (TMF882X_Driver_UAPI_Guide.md). |