| データシートサーチシステム |
|
TMF8821 データシート(PDF) 29 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMF8821 データシート(HTML) 29 Page - OSRAM GmbH |
|
29 / 37 page ![]() Document Feedback TMF882X Using the EVM Software Demo Kit Manual • PUBLIC UG000495 • v6-00 • 2022-May-19 36 │ 28 Set SPAD Map Set the SPAD map for the current operation mode. Figure 27: Command Overview Command Code Parameter Example S 0 – 1st SPAD map 1 – 2nd SPAD map … The number of SPAD maps varies for each operation mode. Setting an out-of-range SPAD map index does not change anything in the GUI. (S1) Control Histogram Display / Logging Controls the check boxes for histogram display and histogram data logging. Figure 28: Command Overview Command Code Parameter Example H 0 – Switch off all histograms 1 – Switch on reference histograms 2 – Switch on measurement histograms 3 – Switch on reference and measurement histograms The EVM GUI ignores all other parameter values (H2) 3.6.3 Automation Example Session To operate the following example, the EVM GUI needs to be started first. Start the Windows shell "cmd" and connect through the Windows program “telnet”: ● telnet 127.0.0.1 39998 This causes an immediate response and in the GUI the status ‘Automation On’ is displayed (removed headers in the output data): sep=; #VER;ToF Serial Number;App0 Version Number;GUI Version Number;Host Driver Version |