| データシートサーチシステム |
|
TMF8828 データシート(PDF) 16 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMF8828 データシート(HTML) 16 Page - OSRAM GmbH |
|
16 / 37 page ![]() Document Feedback TMF882X Using the EVM Software Demo Kit Manual • PUBLIC UG000495 • v6-00 • 2022-May-19 36 │ 15 3.2 EVM GUI "Main" Tab 3.2.1 Main Tab Graphs Distance Bar Chart [6] Figure 11: Distance Bar Chart This is a plot of the detected objects' distance vs the confidence value (range 0 – 255) of the current detection (measurement). The X-axis indicates the distance in millimeters and the Y-axis indicates the confidence value. The GUI displays up to 128 bars here (8 x 8 mode, two objects per zone). The legend of this chart has four entries: ● Photon Count Object - this value increases with the reflectivity of the target object surface ● Photon Count Reference - related to the optical reference channel, not influenced by the target object ● Background Light - related to the (IR only) ambient light, the TMF882X sensor sees ● Temperature - the temperature of the TMF882X sensor (on-chip SPAD sensor array temperature) |