| データシートサーチシステム |
|
TMF8828 データシート(PDF) 24 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMF8828 データシート(HTML) 24 Page - OSRAM GmbH |
|
24 / 37 page ![]() Document Feedback TMF882X Using the EVM Software Demo Kit Manual • PUBLIC UG000495 • v6-00 • 2022-May-19 36 │ 23 ● Use the "Persistence" control to set the required minimum number of sequential object detections: e.g. only display an object if it is detected six times in a row You can also define which of the zones in the field of view are relevant for object detection with the "Enable Interrupt per Pixel" check boxes. Information The EVM GUI displays all objects in the field of view if one object in the field of view satisfies the defined requirements. If "Persistence" is set to zero all other parameters are not relevant anymore. The EVM GUI will then display all objects in the field of view. The GUI has a timeout implemented – if there is no object detection within one second, the GUI automatically clears the graph. Object logging will be stopped too. |