| データシートサーチシステム |
|
ST7789V2 データシート(PDF) 18 Page - Sitronix Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ST7789V2 データシート(HTML) 18 Page - Sitronix Technology Co., Ltd. |
|
18 / 319 page ![]() ST7789V2 Version 1.0 Page 18 of 319 2016/11 Sitronix Confidential The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of Sitronix. 4 PAD CENTER COORDINATES PAD No. PIN Name X Y 1 DUMMY -7292.5 -256.62 2 DUMMY -7232.5 -256.62 3 VCOM -7172.5 -256.62 4 VCOM -7112.5 -256.62 5 VCOM -7052.5 -256.62 6 VCOM -6992.5 -256.62 7 VCOM -6932.5 -256.62 8 VCOM -6872.5 -256.62 9 VCOM -6812.5 -256.62 10 VCOM -6752.5 -256.62 11 DUMMY -6692.5 -256.62 12 VAG -6632.5 -256.62 13 VAG -6572.5 -256.62 14 VDDS -6512.5 -256.62 15 VDDS -6452.5 -256.62 16 VDDGX -6392.5 -256.62 17 VDDGX -6332.5 -256.62 18 DUMMY -6272.5 -256.62 19 DUMMY -6212.5 -256.62 20 DUMMY -6152.5 -256.62 21 DUMMY -6092.5 -256.62 22 DUMMY -6032.5 -256.62 23 DUMMY -5972.5 -256.62 24 DUMMY -5912.5 -256.62 25 DUMMY -5852.5 -256.62 26 VGL -5792.5 -256.62 27 VGL -5732.5 -256.62 28 VGL -5672.5 -256.62 29 VGL -5612.5 -256.62 30 VGL -5552.5 -256.62 31 VGL -5492.5 -256.62 32 AVDD -5432.5 -256.62 PAD No. PIN Name X Y 33 AVDD -5372.5 -256.62 34 AVDD -5312.5 -256.62 35 AVDD -5252.5 -256.62 36 AVDD -5192.5 -256.62 37 AVDD -5132.5 -256.62 38 AVDD -5072.5 -256.62 39 AVCL -5012.5 -256.62 40 AVCL -4952.5 -256.62 41 AVCL -4892.5 -256.62 42 AVCL -4832.5 -256.62 43 AVCL -4772.5 -256.62 44 AVCL -4712.5 -256.62 45 AVCL -4652.5 -256.62 46 VAN -4592.5 -256.62 47 VAN -4532.5 -256.62 48 DUMMY -4472.5 -256.62 49 DUMMY -4412.5 -256.62 50 DUMMY -4352.5 -256.62 51 DUMMY -4292.5 -256.62 52 DUMMY -4232.5 -256.62 53 DUMMY -4172.5 -256.62 54 DUMMY -4112.5 -256.62 55 DUMMY -4052.5 -256.62 56 DUMMY -3992.5 -256.62 57 DUMMY -3932.5 -256.62 58 VAP -3872.5 -256.62 59 VAP -3812.5 -256.62 60 V20 -3752.5 -256.62 61 V20 -3692.5 -256.62 62 V20 -3632.5 -256.62 63 V20 -3572.5 -256.62 64 V20 -3512.5 -256.62 PAD No. PIN Name X Y 65 V20 -3452.5 -256.62 66 V20 -3392.5 -256.62 67 DUMMY -3332.5 -256.62 68 DUMMY -3272.5 -256.62 69 DUMMY -3212.5 -256.62 70 DUMMY -3152.5 -256.62 71 DUMMY -3092.5 -256.62 72 DUMMY -3032.5 -256.62 73 DUMMY -2972.5 -256.62 74 VDD -2912.5 -256.62 75 VDD -2852.5 -256.62 76 VDD -2792.5 -256.62 77 VDD -2732.5 -256.62 78 VDD -2672.5 -256.62 79 VDD -2612.5 -256.62 80 VDD -2552.5 -256.62 81 VDD -2492.5 -256.62 82 AGND -2432.5 -256.62 83 AGND -2372.5 -256.62 84 AGND -2312.5 -256.62 85 AGND -2252.5 -256.62 86 AGND -2192.5 -256.62 87 AGND -2132.5 -256.62 88 AGND -2072.5 -256.62 89 AGND -2012.5 -256.62 90 AGND -1952.5 -256.62 91 AGND -1892.5 -256.62 92 AGND -1832.5 -256.62 93 AGND -1772.5 -256.62 94 AGND -1712.5 -256.62 95 AGND -1652.5 -256.62 96 AGND -1592.5 -256.62 |