| データシートサーチシステム |
|
ST7789V2 データシート(PDF) 21 Page - Sitronix Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ST7789V2 データシート(HTML) 21 Page - Sitronix Technology Co., Ltd. |
|
21 / 319 page ![]() ST7789V2 Version 1.0 Page 21 of 319 2016/11 Sitronix Confidential The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of Sitronix. PAD No. PIN Name X Y 301 G132 6447 250.58 302 G134 6433 119.58 303 G136 6419 250.58 304 G138 6405 119.58 305 G140 6391 250.58 306 G142 6377 119.58 307 G144 6363 250.58 308 G146 6349 119.58 309 G148 6335 250.58 310 G150 6321 119.58 311 G152 6307 250.58 312 G154 6293 119.58 313 G156 6279 250.58 314 G158 6265 119.58 315 G160 6251 250.58 316 G162 6237 119.58 317 G164 6223 250.58 318 G166 6209 119.58 319 G168 6195 250.58 320 G170 6181 119.58 321 G172 6167 250.58 322 G174 6153 119.58 323 G176 6139 250.58 324 G178 6125 119.58 325 G180 6111 250.58 326 G182 6097 119.58 327 G184 6083 250.58 328 G186 6069 119.58 329 G188 6055 250.58 330 G190 6041 119.58 331 G192 6027 250.58 332 G194 6013 119.58 333 G196 5999 250.58 334 G198 5985 119.58 PAD No. PIN Name X Y 335 G200 5971 250.58 336 G202 5957 119.58 337 G204 5943 250.58 338 G206 5929 119.58 339 G208 5915 250.58 340 G210 5901 119.58 341 G212 5887 250.58 342 G214 5873 119.58 343 G216 5859 250.58 344 G218 5845 119.58 345 G220 5831 250.58 346 G222 5817 119.58 347 G224 5803 250.58 348 G226 5789 119.58 349 G228 5775 250.58 350 G230 5761 119.58 351 G232 5747 250.58 352 G234 5733 119.58 353 G236 5719 250.58 354 G238 5705 119.58 355 G240 5691 250.58 356 G242 5677 119.58 357 G244 5663 250.58 358 G246 5649 119.58 359 G248 5635 250.58 360 G250 5621 119.58 361 G252 5607 250.58 362 G254 5593 119.58 363 G256 5579 250.58 364 G258 5565 119.58 365 G260 5551 250.58 366 G262 5537 119.58 367 G264 5523 250.58 368 G266 5509 119.58 PAD No. PIN Name X Y 369 G268 5495 250.58 370 G270 5481 119.58 371 G272 5467 250.58 372 G274 5453 119.58 373 G276 5439 250.58 374 G278 5425 119.58 375 G280 5411 250.58 376 G282 5397 119.58 377 G284 5383 250.58 378 G286 5369 119.58 379 G288 5355 250.58 380 G290 5341 119.58 381 G292 5327 250.58 382 G294 5313 119.58 383 G296 5299 250.58 384 G298 5285 119.58 385 G300 5271 250.58 386 G302 5257 119.58 387 G304 5243 250.58 388 G306 5229 119.58 389 G308 5215 250.58 390 G310 5201 119.58 391 G312 5187 250.58 392 G314 5173 119.58 393 G316 5159 250.58 394 G318 5145 119.58 395 G320 5131 250.58 396 S720 5075 119.58 397 S719 5061 250.58 398 S718 5047 119.58 399 S717 5033 250.58 400 S716 5019 119.58 401 S715 5005 250.58 402 S714 4991 119.58 |