| データシートサーチシステム |
|
TOP250R データシート(PDF) 13 Page - Power Integrations, Inc. |
|
|
|||||||||||||||||||||||||||||
TOP250R データシート(HTML) 13 Page - Power Integrations, Inc. |
|
13 / 52 page ![]() TOP242-250 13 G 1/02 Figure 11. MULTI-FUNCTION (P or G package), LINE-SENSE, and EXTERNAL CURRENT LIMIT (Y, R or F package) Pin Characteristics. -250 -200 -150 -100 -50 0 50 100 150 200 250 300 350 400 PI-2636-010802 Output MOSFET Switching (Enabled) (Disabled) ILIMIT (Default) DCMAX (78.5%) Current Limit M Pin L Pin X Pin Maximum Duty Cycle VBG -22 µA -27 µA VBG + VTP I I I I IUV IREM(N) IOV Pin Voltage Note: This figure provides idealized functional characteristics with typical performance values. Please refer to the parametric table and typical performance characteristics sections of the data sheet for measured data. X and L Pins (Y, R or F Package) and M Pin (P or G Package) Current ( µA) Disabled when supply output goes out of regulation |