| データシートサーチシステム |
|
TOP250R データシート(PDF) 15 Page - Power Integrations, Inc. |
|
|
|||||||||||||||||||||||||||||
TOP250R データシート(HTML) 15 Page - Power Integrations, Inc. |
|
15 / 52 page ![]() TOP242-250 15 G 1/02 Figure 15. Half Frequency Standby Mode (For High Standby Efficiency). Figure 13. Full Frequency Operation (132 kHz). Figure 14. Half Frequency Operation (66 kHz). Typical Uses of FREQUENCY (F) Pin PI-2654-071700 DC Input Voltage + - D S C CONTROL F PI-2655-071700 DC Input Voltage + - D S C CONTROL F PI-2656-040501 DC Input Voltage + - D S C STANDBY QS can be an optocoupler output. CONTROL F 20 k Ω RHF 1 nF QS 47 k Ω |