| データシートサーチシステム |
|
TOP250R データシート(PDF) 16 Page - Power Integrations, Inc. |
|
|
|||||||||||||||||||||||||||||
TOP250R データシート(HTML) 16 Page - Power Integrations, Inc. |
|
16 / 52 page ![]() TOP242-250 16 G 1/02 Typical Uses of LINE-SENSE (L) and EXTERNAL CURRENT LIMIT (X) Pins XF PI-2617-050100 DC Input Voltage + - D CS D S C CONTROL L CL X S F D PI-2618-040501 DC Input Voltage + - D S C CONTROL L 2M Ω R LS VUV = IUV x RLS VOV = IOV x RLS For RLS = 2 MΩ VUV = 100 VDC VOV = 450 VDC DCMAX@100 VDC = 78% DCMAX@375 VDC = 38% PI-2510-040501 DC Input Voltage + - DM S C VUV = RLS x IUV For Value Shown VUV = 100 VDC RLS 6.2 V 2 M Ω 22 k Ω CONTROL PI-2620-040501 DC Input Voltage + - D S C CONTROL L 2 M Ω 30 k Ω R LS 1N4148 VOV = IOV x RLS For Values Shown VOV = 450 VDC X PI-2623-040501 DC Input Voltage + - D S C R IL For RIL = 12 kΩ ILIMIT = 69% See fig. 55 for other resistor values (RIL) For RIL = 25 kΩ ILIMIT = 43% CONTROL X PI-2624-040501 DC Input Voltage + - D S C 2.5 M Ω R LS 6 k Ω R IL 100% @ 100 VDC 63% @ 300 VDC ILIMIT = ILIMIT = CONTROL Figure 16. Three Terminal Operation (LINE-SENSE and EXTERNAL CURRENT LIMIT Features Disabled. FREQUENCY Pin can be tied to SOURCE or CONTROL Pin). Figure 17. Line-Sensing for Under-Voltage, Overvoltage and Line Feed Forward. Figure 18. Line-Sensing for Under-Voltage Only (Overvoltage Disabled). Figure 19. Line-Sensing for Overvoltage Only (Under-Voltage Disabled). Maximum Duty Cycle will be reduced at Low Line. Figure 20. Externally Set Current Limit. Figure 21. Current Limit Reduction with Line Voltage. |