データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74VHCT595 データシート(PDF) 13 Page - Nexperia B.V. All rights reserved

部品番号 74VHCT595
部品情報  8-bit serial-in/serial-out or parallel-out shift register with output latches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEXPERIA [Nexperia B.V. All rights reserved]
ホームページ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74VHCT595 データシート(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button 74VHCT595 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74VHCT595 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74VHCT595 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74VHCT595 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74VHCT595 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74VHCT595 Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74VHCT595 Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74VHCT595 Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74VHCT595 Datasheet HTML 17Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Nexperia
74VHC595; 74VHCT595
8-bit serial-in/serial-out or parallel-out shift register with output latches
mna450
tPLZ
tPHZ
outputs
disabled
outputs
enabled
VOH - 0.3 V
VOL + 0.3 V
outputs
enabled
output
LOW-to-OFF
OFF-to-LOW
output
HIGH-to-OFF
OFF-to-HIGH
OE input
VI
VCC
VM
VOL
VOH
GND
GND
tPZL
tPZH
VM
VM
Measurement points are given in Table 8.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig. 12. Enable and disable times
Table 8. Measurement points
Input
Output
Type
VM
VM
74VHC595
0.5VCC
0.5VCC
74VHCT595
1.5 V
0.5VCC
74VHC_VHCT595
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 3 — 25 June 2020
13 / 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com