| データシートサーチシステム |
|
UPD6P9 データシート(PDF) 15 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD6P9 データシート(HTML) 15 Page - Renesas Technology Corp |
|
15 / 45 page ![]() 13 µPD6P9 Data Sheet U15144EJ1V1DS 3.5 Data Memory (RAM): 128 × 4 Bits The data memory, which is a static RAM consisting of 32 × 4 bits × 4 pages, is used to retain processed data. The data memory is sometimes processed in 8-bit units. R0 of page 0 can be used as the ROM data pointer. RF of page 0 is also used as the ASR. After reset, R0 of page 0 is cleared to 00H and R1 to RF of page 0 and pages 1 to 3 retain the previous data (undefined when turning on the power). Figure 3-4. Data Memory Configuration Notes 1. Pages 0 to 3 can be switched using bits 0 and 1 of control register 0. 2. R0 of page 0 alternately functions as the ROM data pointer (refer to 3.6 Data Pointer (DP)). 3. RF of page 0 alternately functions as the PC address stack (refer to 3.3 Address Stack Register (ASR (RF)). R0 R1 R2 R3 R4 R5 R6 R7 R8 R9 RA RB RC RD RE RF R10 R00 R11 R01 R12 R02 R13 R03 R14 R04 R15 R05 R16 R06 R17 R07 R18 R08 R19 R09 R1A R0A R1B R0B R1C R0C R1D R0D R1E R0E R1F R0F →Note 2 →Note 3 R1n (higher 4 bits) R0n (lower 4 bits) Pages 0 to 3 Note 1 |