| データシートサーチシステム |
|
UPD6P9 データシート(PDF) 20 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD6P9 データシート(HTML) 20 Page - Renesas Technology Corp |
|
20 / 45 page ![]() 18 µPD6P9 Data Sheet U15144EJ1V1DS By setting the flag (t9) that enables the timer output to 1, the timer can output its operation status from the S1/ LED pin and the REM pin. The REM pin can also output the carrier while the timer is in operation. Table 4-1. Timer Output (at t9 = 1) S1/LED Pin REM Pin Timer operating Low level High level (or carrier outputNote) Timer halting High level Low level Note The carrier output results if bit 9 (CARY) of the high-level period setting modulo register (MOD1) is cleared (to 0). Figure 4-2. Timer Output (When Carrier Is Not Output) Note (Set value + 1) × 64/fX ( µPD6P9M1), (set value + 0.5) × 64/fX (µPD6P9M3) Timer output timeNote LED REM |