| データシートサーチシステム |
|
UPD6P9 データシート(PDF) 18 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD6P9 データシート(HTML) 18 Page - Renesas Technology Corp |
|
18 / 45 page ![]() 16 µPD6P9 Data Sheet U15144EJ1V1DS 4. TIMER 4.1 Timer Configuration The timer is the block used for creating a remote control transmission pattern. As shown in Figure 4-1, it consists of a 9-bit down counter (t8 to t0), a flag (t9) permitting the 1-bit timer output, and a zero detector. Figure 4-1. Timer Configuration S1/LED REM Carrier synchronous circuit Carrier signal Zero detector 9-bit down counter t9 t8 t7 t6 t5 t4 t3 t2 t1 t0 T T1 fX/64 Timer operation end signal (HALT # ×101B release signal) Count clock T0 |