| データシートサーチシステム |
|
UPD6708 データシート(PDF) 50 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD6708 データシート(HTML) 50 Page - Renesas Technology Corp |
|
50 / 74 page ![]() 48 µPD6708 8. EXAMPLE OF HOST CONTROLLER PROCESSING FLOW This chapter presents an example of the host controller processing flow for controlling the µPD6708 via the serial interface (SCK, SO, and SI pins). The host controller processing flow comprises the following routines. • Main routine • Interrupt service routine 8.1 Main Routine Note The equipment control routine is a routine which performs host controller application processing. When controlling the µPD6708, set the Crq flag when there is a command request. See 8.3.1 Start Equipment initialization PD6708 initialization routine µ Crq Note 1 0 Command processing routine Equipment control routine Note See 8.3.2 |