| データシートサーチシステム |
|
UPD6708 データシート(PDF) 60 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD6708 データシート(HTML) 60 Page - Renesas Technology Corp |
|
60 / 74 page ![]() 58 µPD6708 8.3.4 Slave data transmission processing routine This processing routine is used when a slave unit transmits data to the master unit after setting the SETSD command. This routine is an interrupt service routine, and is executed when the return code (higher 2 bits = 00) is read in slave data transmission. Notes 1. Untransmitted data in WDB is cleared by executing the ABORT command (see 8.3.2 (6)). 2. N2: Number of slave transmit data bytes Start Read STR Return code 3H? N2 = 0 Normal end N Y Set slave transmit data. WDB full? Write to WDB N Note 2 Return code 2H? Y N Y Note 1 Termination during transmission N2 ← N2 – 2 Note 2 N Y |