データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD17704 データシート(PDF) 93 Page - Renesas Technology Corp

部品番号 UPD17704
部品情報  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17704 データシート(HTML) 93 Page - Renesas Technology Corp

Back Button UPD17704 Datasheet HTML 89Page - Renesas Technology Corp UPD17704 Datasheet HTML 90Page - Renesas Technology Corp UPD17704 Datasheet HTML 91Page - Renesas Technology Corp UPD17704 Datasheet HTML 92Page - Renesas Technology Corp UPD17704 Datasheet HTML 93Page - Renesas Technology Corp UPD17704 Datasheet HTML 94Page - Renesas Technology Corp UPD17704 Datasheet HTML 95Page - Renesas Technology Corp UPD17704 Datasheet HTML 96Page - Renesas Technology Corp UPD17704 Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 358 page
background image
91
µPD17704, 17705, 17707, 17708, 17709
10. DATA BUFFER STACK
10.1 Outline of Data Buffer Stack
Figure 10-1 outlines the data buffer stack.
As shown in the figure, the data buffer stack consists of a data buffer stack pointer and data buffer stack
registers.
The data buffer stack saves or restores the contents of the data buffer when the “PUT” or “GET” instruction
is executed.
Therefore, the contents of the data buffer can be saved by one instruction when an interrupt is accepted.
Figure 10-1. Outline of Data Buffer Stack
10.2 Data Buffer Stack Register
Figure 10-2 shows the configuration of the data buffer stack registers.
As shown in the figure, the data buffer stack registers consist of four 16-bit registers.
The contents of the data buffer are saved by executing the “PUT” instruction, and the saved data is restored
by executing the “GET” instruction.
The data buffer contents can be successively saved up to 4 levels.
Data buffer
stack pointer
DBF
Data buffer stack registers
Address specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com