データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STE10A データシート(PDF) 12 Page - STMicroelectronics

部品番号 STE10A
部品情報  PCI 10/100 Ethernet controller with integrated PHY (3.3V)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE10A データシート(HTML) 12 Page - STMicroelectronics

Back Button STE10A Datasheet HTML 8Page - STMicroelectronics STE10A Datasheet HTML 9Page - STMicroelectronics STE10A Datasheet HTML 10Page - STMicroelectronics STE10A Datasheet HTML 11Page - STMicroelectronics STE10A Datasheet HTML 12Page - STMicroelectronics STE10A Datasheet HTML 13Page - STMicroelectronics STE10A Datasheet HTML 14Page - STMicroelectronics STE10A Datasheet HTML 15Page - STMicroelectronics STE10A Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 82 page
background image
Functional description
STE10/100A
12/82
3
Functional description
3.1
Initialization flow
Figure 4.
STE10/100A initialization flow
Need set
Need set
A
Prepare transmit descriptor and buffer
Prepare receive descriptor and buffer
Install NIC ISR function
Open NIC interrupt
Enable Tx & Rx functions
END
Read EEPROM from CSR9
Set physical address (CSR25, 26)
Reset MAC (CSR0)
Reset PHY (XR0)
Get base IO address
Get IRQ value
Search NIC
(Force media)
Program the media type to XR0
Set multimedia address table
(CSR27, 28)
Yes
Yes
No
No
PC00349



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82