データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STE10A データシート(PDF) 14 Page - STMicroelectronics

部品番号 STE10A
部品情報  PCI 10/100 Ethernet controller with integrated PHY (3.3V)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE10A データシート(HTML) 14 Page - STMicroelectronics

Back Button STE10A Datasheet HTML 10Page - STMicroelectronics STE10A Datasheet HTML 11Page - STMicroelectronics STE10A Datasheet HTML 12Page - STMicroelectronics STE10A Datasheet HTML 13Page - STMicroelectronics STE10A Datasheet HTML 14Page - STMicroelectronics STE10A Datasheet HTML 15Page - STMicroelectronics STE10A Datasheet HTML 16Page - STMicroelectronics STE10A Datasheet HTML 17Page - STMicroelectronics STE10A Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 82 page
background image
Functional description
STE10/100A
14/82
Chain structure
There is only one buffer per descriptor in chain structure.
Figure 6.
Frame buffer chain structure
own
Data buffer
Length 1
Data
Data
Length 2
Buffer1 pointer
Next pointer
Length 1
---
own
Buffer1 pointer
Next pointer
Length 2
---
own
Buffer1 pointer
Next pointer
Length 3
---
Data
Length 3
Descriptor
.
.
.
.
.
.
Descriptor pointer
CSR3 or CSR4
PC00351



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82