| データシートサーチシステム |
|
TMS320C32PCMA50 データシート(PDF) 29 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320C32PCMA50 データシート(HTML) 29 Page - Texas Instruments |
|
29 / 45 page ![]() TMS320C32 DIGITAL SIGNAL PROCESSOR SPRS027C – JANUARY 1995 – REVISED DECEMBER 1996 29 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 timing of XF changing from output to input mode (see Figure 24) NO ’C32 - 40 ’C32 - 50 ’C32 - 60 UNIT NO. MIN MAX MIN MAX MIN MAX UNIT 46 th(H3H-XF01) Hold time, XF after H3 high 13† 12† 11† ns 47 tsu(XF) Setup time, XF before H1 low 9 9 8 ns 48 th(XF) Hold time, XF after H1 low 0 0 0 ns † Assured from characterization but not tested Execute Load of IOF Buffers Go from Ouput to Input Synchronizer Delay Value on Pin Seen in IOF H3 H1 XFx INXFx Bit† I / OXFx Bit† 46 47 48 Data Sampled Data Seen Output † I / OXFx represents either bit 1 or bit 5 of the IOF register, and INXFx represents either bit 3 or bit 7 of the IOF register. Figure 24. Change of XF From Output to Input Mode |