| データシートサーチシステム |
|
TMS320C32PCMA50 データシート(PDF) 22 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320C32PCMA50 データシート(HTML) 22 Page - Texas Instruments |
|
22 / 45 page ![]() TMS320C32 DIGITAL SIGNAL PROCESSOR SPRS027C – JANUARY 1995 – REVISED DECEMBER 1996 22 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 memory-read-cycle and memory-write-cycle timing (STRBx) (see Figure 16 and Figure 17) NO ’C32 - 40 ’C32 - 50 ’C32 - 60 UNIT NO. MIN MAX MIN MAX MIN MAX UNIT 11 td(H1L - SL) Delay time, H1 low to STRBx low 0† 11 0† 9 0† 7 ns 12 td(H1L - SH) Delay time, H1 low to STRBx high 0† 11 0† 9 0† 7 ns 13 td(H1H - RWL) Delay time, H1 high to R / W low (read) 0† 11 0† 9 0† 8 ns 14 td(H1L - A) Delay time, H1 low to A valid 0† 11 0† 9 0† 7 ns 15 tsu(D)R Setup time, D valid before H1 low (read) 13 10 10 ns 16 th(D)R Hold time, D after H1 low (read) 0 0 0 ns 17 tsu(RDY) Setup time, RDY before H1 low 21 19 17 ns 18 th(RDY) Hold time, RDY after H1 low 0 0 0 ns 19 td(H1H - RWH) Delay time, H1 high to R / W high (write) 11 9 8 ns 20 tv(D)W Valid time, D after H1 low (write) 17 14 12 ns 21 th(D)W Hold time, D after H1 high (write) 0 0 0 ns 22 td(H1H - A) Delay time, H1 high to A valid on back-to-back write cycles 11 9 8 ns † Assured from characterization but not tested 16 H3 H1 R/W A D RDY 15 13 11 12 14 18 17 STRBx ‡ ‡ STRBx remains low during back-to-back operations. Figure 16. Memory-Read-Cycle Timing |