| データシートサーチシステム |
|
TMS320C32PCMA50 データシート(PDF) 25 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320C32PCMA50 データシート(HTML) 25 Page - Texas Instruments |
|
25 / 45 page ![]() TMS320C32 DIGITAL SIGNAL PROCESSOR SPRS027C – JANUARY 1995 – REVISED DECEMBER 1996 25 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 memory-write-cycle timing using IOSTRB (see Figure 19) NO ’C32 - 40 ’C32 - 50 ’C32 - 60 UNIT NO. MIN MAX MIN MAX MIN MAX UNIT 11.1 td(H3L-IOSL) Delay time, H3 low to IOSTRB low 0† 11 0† 9 0† 8 ns 12.1 td(H3L-IOSH) Delay time, H3 low to IOSTRB high 0† 11 0† 9 0† 8 ns 13.1 td(H1L-RWL) Delay time, H1 low to R / W high 0† 11 0† 9 0† 8 ns 14.1 td(H1L-A) Delay time, H1 low to A valid 0† 11 0† 9 0† 8 ns 17.1 tsu(RDY) Setup time, RDY before H1 high 9 8 7 ns 18.1 th(RDY) Hold time, RDY after H1 high 0 0 0 ns 23 td(H1L-RWH) Delay time, H1 low to R / W low 0† 11 0† 9 0† 8 ns 24 tv(D)W Valid time, D after H1 high 17 14 12 ns 25 th(D)W Hold time, D after H1 low 0 0 0 ns † Assured from characterization but not tested H3 H1 R/W A D RDY IOSTRB 11.1† 12.1† 17.1† 18.1† 24 25 13.1† 14.1† 23† † See Figure 18 and accompanying table. Figure 19. Memory-Write-Cycle Timing Using IOSTRB |