| データシートサーチシステム |
|
ES9842PRO データシート(PDF) 144 Page - ESS Technology,Inc |
|
|
|||||||||||||||||||||||||||||
ES9842PRO データシート(HTML) 144 Page - ESS Technology,Inc |
|
144 / 167 page ![]() CONFIDENTIAL ADVANCE INFORMATION ES9842 PRO Product Datasheet 144 VERSION 0.5 ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM Register 194: ADC CLOCK DIVIDE Bits [7:2] [1:0] Default 6'd0 2'd0 Bits Mnemonic Description [7:2] RESERVED NA [1:0] SEL_CLK_DIV Sets ADC clock rate: • 2'd0: Full rate (default) • 2'd1: 1/2 rate • 2'd2: 1/4 rate • 2'd3: 1/8 rate Register 203-195: RESERVED Readback Registers Register 224: READ SYSTEM REGISTER 0 Bits [7:4] [3] [2] [1] [0] Default - - - - - Bits Mnemonic Description [7:4] RESERVED NA [3] MODE Readback MODE pin. [2] ADDR2 Readback ADDR2 pin. [1] ADDR1 Readback ADDR1 pin. [0] RESERVED NA Register 225: CHIP ID Bits [7:0] Default - Bits Mnemonic Description [7:0] CHIP_ID Chip ID |