データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES9842PRO データシート(PDF) 100 Page - ESS Technology,Inc

部品番号 ES9842PRO
部品情報  32-bit High-Performance 4-Channel ADC
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ESS [ESS Technology,Inc]
ホームページ  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9842PRO データシート(HTML) 100 Page - ESS Technology,Inc

Back Button ES9842PRO Datasheet HTML 96Page - ESS Technology,Inc ES9842PRO Datasheet HTML 97Page - ESS Technology,Inc ES9842PRO Datasheet HTML 98Page - ESS Technology,Inc ES9842PRO Datasheet HTML 99Page - ESS Technology,Inc ES9842PRO Datasheet HTML 100Page - ESS Technology,Inc ES9842PRO Datasheet HTML 101Page - ESS Technology,Inc ES9842PRO Datasheet HTML 102Page - ESS Technology,Inc ES9842PRO Datasheet HTML 103Page - ESS Technology,Inc ES9842PRO Datasheet HTML 104Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 167 page
background image
CONFIDENTIAL ADVANCE INFORMATION
ES9842 PRO Product Datasheet
100
VERSION 0.5
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
Register 67: ADC CH3 CONFIG 1
Bits
[7:6]
[5:4]
[3]
[2]
[1]
[0]
Default
2'b00
2'b00
1'b0
1'b0
1'b0
1'b0
Bits
Mnemonic
Description
[7:6]
ADC_INT23_SEL_CH3
ADC integrator 2 and 3 control.
• Program to 2'b11 for optimum performance
[5:4]
ADC_INT1_SEL_CH3
ADC integrator 1 control.
• Program to 2'b10 for optimum performance
[3]
ADC_EN_FB_CH3
Enable ADC3 feedback path.
• 1'b0: Disabled (default)
• 1'b1: Enabled
[2]
RESERVED
NA
[1]
ADC_EN_INT_CH3
Enable for INT for Channel 3.
• 1'b0: Disabled (default)
• 1'b1: Enabled
[0]
ADC_EN_CH3
Enable for Comparator and Logic for Channel 3.
• 1'b0: Disabled (default)
• 1'b1: Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More