データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES9842PRO データシート(PDF) 90 Page - ESS Technology,Inc

部品番号 ES9842PRO
部品情報  32-bit High-Performance 4-Channel ADC
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ESS [ESS Technology,Inc]
ホームページ  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9842PRO データシート(HTML) 90 Page - ESS Technology,Inc

Back Button ES9842PRO Datasheet HTML 86Page - ESS Technology,Inc ES9842PRO Datasheet HTML 87Page - ESS Technology,Inc ES9842PRO Datasheet HTML 88Page - ESS Technology,Inc ES9842PRO Datasheet HTML 89Page - ESS Technology,Inc ES9842PRO Datasheet HTML 90Page - ESS Technology,Inc ES9842PRO Datasheet HTML 91Page - ESS Technology,Inc ES9842PRO Datasheet HTML 92Page - ESS Technology,Inc ES9842PRO Datasheet HTML 93Page - ESS Technology,Inc ES9842PRO Datasheet HTML 94Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 167 page
background image
CONFIDENTIAL ADVANCE INFORMATION
ES9842 PRO Product Datasheet
90
VERSION 0.5
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
Register 39-38: ASP PROGRAM ADDR
Bits
[15:9]
[8:0]
Default
7'd0
9'd0
Bits
Mnemonic
Description
[15:9]
RESERVED
NA
[8:0]
ASP_PROGRAM_ADDR
Selects the program address when writing custom program codes for
either ASP.
Register 41-40: ASP PROGRAM
Bits
[15:14]
[13:0]
Default
2'd0
14'd0
Bits
Mnemonic
Description
[15:14]
RESERVED
NA
[13:0]
ASP_PROGRAM_IN
A 14 bits program instruction that will be written to the address of
either ASP defined by ASP_PROGRAM_ADDR.
Register 42: ASP COEFF ADDR
Bits
[7:6]
[5:0]
Default
2'd0
6'd0
Bits
Mnemonic
Description
[7:6]
RESERVED
NA
[5:0]
ASP_COEFF_ADDR
Selects the coefficient address when writing custom coefficient for
either ASP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More