| データシートサーチシステム |
|
ES9842PRO データシート(PDF) 91 Page - ESS Technology,Inc |
|
|
|||||||||||||||||||||||||||||
ES9842PRO データシート(HTML) 91 Page - ESS Technology,Inc |
|
91 / 167 page ![]() VERSION 0.5 ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM ES9842 PRO Product Datasheet 91 Register 50-43: ASP COEFF Bits [63:32] [31:0] Default 32'd0 32'd0 Bits Mnemonic Description [63:32] ASP_COEFF_MSB A 32 bits coefficient that will be written to the address defined by ASP_COEFF_ADDR. These last 32 bits are typically used for the channel 2 data. [31:0] ASP_COEFF_LSB A 32 bits coefficient that will be written to the address defined by ASP_COEFF_ADDR. These first 32 bits are typically used for the channel 1 data. |