データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RHR64 データシート(PDF) 15 Page - STMicroelectronics

部品番号 RHR64
部品情報  Rad-hard, low-power, rail-to-rail CMOS operational amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHR64 データシート(HTML) 15 Page - STMicroelectronics

Back Button RHR64 Datasheet HTML 11Page - STMicroelectronics RHR64 Datasheet HTML 12Page - STMicroelectronics RHR64 Datasheet HTML 13Page - STMicroelectronics RHR64 Datasheet HTML 14Page - STMicroelectronics RHR64 Datasheet HTML 15Page - STMicroelectronics RHR64 Datasheet HTML 16Page - STMicroelectronics RHR64 Datasheet HTML 17Page - STMicroelectronics RHR64 Datasheet HTML 18Page - STMicroelectronics RHR64 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
RHR61, RHR64
Package information
6.1
Ceramic Flat-8 package information
Figure 24: Ceramic Flat-8 package outline
The upper metallic lid is electrically connected to pin 5. No other pin is electrically
connected to the metallic lid nor to the IC die inside the package.
Table 10: Ceramic Flat-8 package mechanical data
Ref
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
2.24
2.44
2.64
0.088
0.096
0.104
b
0.38
0.43
0.48
0.015
0.017
0.019
c
0.10
0.13
0.16
0.004
0.005
0.006
D
6.35
6.48
6.61
0.250
0.255
0.260
E
6.35
6.48
6.61
0.250
0.255
0.260
E2
4.32
4.45
4.58
0.170
0.175
0.180
E3
0.88
1.01
1.14
0.035
0.040
0.045
e
1.27
0.050
L
6.51
7.38
0.256
0.291
Q
0.66
0.79
0.92
0.026
0.031
0.036
S1
0.92
1.12
1.32
0.036
0.044
0.052
N
08
08
DocID027171 Rev 3
15/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20