データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RHR64 データシート(PDF) 16 Page - STMicroelectronics

部品番号 RHR64
部品情報  Rad-hard, low-power, rail-to-rail CMOS operational amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHR64 データシート(HTML) 16 Page - STMicroelectronics

Back Button RHR64 Datasheet HTML 12Page - STMicroelectronics RHR64 Datasheet HTML 13Page - STMicroelectronics RHR64 Datasheet HTML 14Page - STMicroelectronics RHR64 Datasheet HTML 15Page - STMicroelectronics RHR64 Datasheet HTML 16Page - STMicroelectronics RHR64 Datasheet HTML 17Page - STMicroelectronics RHR64 Datasheet HTML 18Page - STMicroelectronics RHR64 Datasheet HTML 19Page - STMicroelectronics RHR64 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Package information
RHR61, RHR64
6.2
Ceramic Flat-14 package information
Figure 25: Ceramic Flat-14 package outline
The upper metallic lid is electrically connected to pin 11 (VCC-) only.
Table 11: Ceramic Flat-14 package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
2.31
2.72
0.091
0.107
b
0.38
0.48
0.015
0.019
c
0.10
0.18
0.004
0.007
D
9.27
9.73
0.365
0.383
E
6.19
6.50
0.244
0.256
E2
3.68
0.145
E3
0.76
0.030
e
1.27
0.050
L
6.86
7.62
0.250
0.300
Q
0.66
1.14
0.026
0.045
S1
0.13
0.005
1
7
8
14
e
b
c
L
E
D
S1
Q
A
E2
E3
L
E3
16/20
DocID027171 Rev 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20