データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA7529 データシート(PDF) 36 Page - STMicroelectronics

部品番号 TDA7529
部品情報  RF front-end for AM/FM DSP car-radio with IF sampling
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7529 データシート(HTML) 36 Page - STMicroelectronics

Back Button TDA7529 Datasheet HTML 32Page - STMicroelectronics TDA7529 Datasheet HTML 33Page - STMicroelectronics TDA7529 Datasheet HTML 34Page - STMicroelectronics TDA7529 Datasheet HTML 35Page - STMicroelectronics TDA7529 Datasheet HTML 36Page - STMicroelectronics TDA7529 Datasheet HTML 37Page - STMicroelectronics TDA7529 Datasheet HTML 38Page - STMicroelectronics TDA7529 Datasheet HTML 39Page - STMicroelectronics TDA7529 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 60 page
background image
Registers description
TDA7529
36/60
6.1
Data byte specification
6.1.1
Short_reg (0)
Table 26.
Short_reg (0)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
0
1
Global PWR
Power down the IC
Power on the IC
0
1
GPIO enable
all GPIO in tristate
all GPIO enable
0
1
ADCen
6bit ADC on
6bit ADC off
0
1
ADCstart
No conversion
Starts a single AD conversion
0
1
ShPLL
PLL register from 17 to 31 are valid
PLL register from 33 to 47 are valid
0
1
ShAGC
AGC TC register 16 is valid
AGC TC register 32 is valid
X
Not used
X
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60