| データシートサーチシステム |
|
TDA7529 データシート(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7529 データシート(HTML) 38 Page - STMicroelectronics |
|
38 / 60 page ![]() Registers description TDA7529 38/60 6.1.3 GPIO mode (2) Table 28. GPIO mode (2) MSB LSB Function D7 D6 D5 D4 D3 D2 D1 D0 0 1 GPIO1 input / output Analog input to AD converter digital output 0 1 GPIO2 input / output Analog input to AD converter Digital output 0 1 CP Current Switch Automatic switch disabled Automatic switch enabled 0 1 GPIO4 input / output Analog Input digital output 0 1 GPIO5 input / output digital input output (analog or digital) 0 1 GPIO6 input / output digital input (or MISO output in SPI mode) digital output (or MISO output in SPI mode) 0 1 GPIO7 input / output FM AGC voltage output Digital output 0 1 GPIO8 input / output AM AGC voltage output Digital output |