| データシートサーチシステム |
|
TDA7529 データシート(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7529 データシート(HTML) 39 Page - STMicroelectronics |
|
39 / 60 page ![]() TDA7529 Registers description 39/60 6.1.4 AGC and mixer control (3) Table 29. AGC and mixer control (3 MSB LSB Function D7 D6 D5 D4 D3 D2 D1 D0 0 0 1 1 0 1 0 1 Mixout 1 / 2 All Off = power down mixer section Mixout 1 active Mixout 2 active Forbidden state 0 1 Balun output drive capability Low drive capability High drive capability 0 1 Mixer input FM / AM selection AM input active FM input active 0 1 AM AGC On / Off Off On 0 1 FM AGC On / Off Off On 0 1 Keyed AGC enable Keyed AGC off keyed AGC on 0 1 IF input selection FM / AM IF input AM IF input FM |