| データシートサーチシステム |
|
WM8580 データシート(PDF) 4 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8580 データシート(HTML) 4 Page - Wolfson Microelectronics plc |
|
4 / 92 page ![]() WM8580 Production Data W PD Rev 4.0 February 2007 4 PIN CONFIGURATION ORDERING INFORMATION DEVICE TEMPERATURE RANGE PACKAGE MOISTURE SENSITIVITY LEVEL PEAK SOLDERING TEMPERATURE WM8580GEFT/V -25 to +85oC 48-lead TQFP (Pb-free) MSL1 260 °C WM8580GEFT/RV -25 to +85oC 48-lead TQFP (Pb-free, tape and reel) MSL1 260 °C Note: Reel quantity = 2,200 |