| データシートサーチシステム |
|
WM8580 データシート(PDF) 24 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8580 データシート(HTML) 24 Page - Wolfson Microelectronics plc |
|
24 / 92 page ![]() WM8580 Production Data W PD Rev 4.0 February 2007 24 word length. Any mark to space ratio is acceptable on LRCLK provided the rising edge is correctly positioned. LEFT JUSTIFIED MODE In Left Justified mode, the MSB of the input data is sampled by the WM8580 on the first rising edge of BCLK following a LRCLK transition. The MSB of the output data changes on the same falling edge of BCLK as LRCLK and may be sampled on the next rising edge of BCLK. LRCLK is high during the left samples and low during the right samples. Figure 14 Left Justified Mode Timing Diagram RIGHT JUSTIFIED MODE In Right Justified mode, the LSB of input data is sampled on the rising edge of BCLK preceding a LRCLK transition. The LSB of the output data changes on the falling edge of BCLK preceding a LRCLK transition, and may be sampled on the next rising edge of BCLK. LRCLKs are high during the left samples and low during the right samples. Figure 15 Right Justified Mode Timing Diagram |