| データシートサーチシステム |
|
WM8580 データシート(PDF) 26 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8580 データシート(HTML) 26 Page - Wolfson Microelectronics plc |
|
26 / 92 page ![]() WM8580 Production Data W PD Rev 4.0 February 2007 26 The MSB of the left channel of the output data changes on the first falling edge of BCLK following a low to high LRCLK transition and may be sampled on the rising edge of BCLK. The right channel data is contiguous with the left channel data. Figure 19 DSP Mode A Timing Diagram – PAIF/SAIF Transmitter Data DSP MODE B In DSP Mode B, the MSB of Channel 1 left data is sampled on the first BCLK rising edge following a LRCLK rising edge. Channel 1 right data then follows. For the PAIF Receiver, Channels 2 and 3 follow as shown in Figure 20. Figure 20 DSP Mode B Timing Diagram – PAIF Receiver Input Data For the SAIF Receiver, only stereo information is processed. Figure 21 DSP Mode B Timing Diagram - SAIF Receiver Input Data |