| データシートサーチシステム |
|
AT45DB021B データシート(PDF) 17 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT45DB021B データシート(HTML) 17 Page - ATMEL Corporation |
|
17 / 32 page ![]() 17 1937J–DFLSH–9/05 AT45DB021B 10. Write Operations The following block diagram and waveforms illustrate the various write sequences available. 10.1 Main Memory Page Program through Buffers 10.2 Buffer Write 10.3 Buffer to Main Memory Page Program (Data from Buffer Programmed into Flash Page) FLASH MEMORY ARRAY PAGE (256 BYTES) BUFFER 2 (256 BYTES) BUFFER 1 (256 BYTES) I/O INTERFACE SI BUFFER 1 TO PAGE PROGRAM PAGE PROGRAM THROUGH BUFFER 2 BUFFER 2 TO PAGE PROGRAM PAGE PROGRAM THROUGH BUFFER 1 BUFFER 1 WRITE BUFFER 2 WRITE SI CMD n n+1 Last Byte · Completes writing into selected buffer · Starts self-timed erase/program operation CS rrrr r, PA9-7 PA6-0, BFA8 BFA7-0 SI CMD X X···X, BFA8 BFA7-0 n n+1 Last Byte · Completes writing into selected buffer CS SI CMD rrrr r, PA9-7 PA6-0, X CS Starts self-timed erase/program operation X Each transition represents 8 bits and 8 clock cycles n = 1st byte read n+1 = 2nd byte read |