| データシートサーチシステム |
|
AT45DB021B データシート(PDF) 23 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT45DB021B データシート(HTML) 23 Page - ATMEL Corporation |
|
23 / 32 page ![]() 23 1937J–DFLSH–9/05 AT45DB021B 14.3 Buffer Read (Opcode: D4H or D6H) 14.4 Status Register Read (Opcode: D7H) 15. Detailed Bit-level Read Timing – SPI Mode 3 15.1 Continuous Array Read (Opcode: E8H) SI 1 1 0 10 XX X CS SO SCK 12345 36 37 38 39 40 41 42 43 XX HIGH-IMPEDANCE COMMAND OPCODE tSU D7 D6 D5 DATA OUT MSB tV D4 SI 1 1 0 10 11 1 CS SO SCK 12345 789 10 11 12 16 17 HIGH-IMPEDANCE STATUS REGISTER OUTPUT COMMAND OPCODE MSB tSU 6 D1 D0 D7 LSB MSB D7 D6 D5 tV D4 SI 1 1X X X CS SO SCK 12 63 64 65 66 67 HIGH-IMPEDANCE D7 D6 D5 D2 D1 D0 D7 D6 D5 BIT 0 OF PAGE n+1 BIT 2111 OF PAGE n LSB MSB tSU tV DATA OUT |