| データシートサーチシステム |
|
AT45DB021B データシート(PDF) 19 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT45DB021B データシート(HTML) 19 Page - ATMEL Corporation |
|
19 / 32 page ![]() 19 1937J–DFLSH–9/05 AT45DB021B 12. Detailed Bit-level Read Timing – Inactive Clock Polarity Low 12.1 Continuous Array Read (Opcode: 68H) 12.2 Main Memory Page Read (Opcode: 52H) SI 0 1X X CS SO SCK 12 63 64 65 66 67 68 HIGH-IMPEDANCE D7 D6 D5 D2 D1 D0 D7 D6 D5 DATA OUT BIT 0 OF PAGE n+1 BIT 2111 OF PAGE n LSB MSB tSU tV SI 0 1 0 10 XX X CS SO SCK 12345 60 61 62 63 64 65 66 67 XX HIGH-IMPEDANCE D7 D6 D5 DATA OUT COMMAND OPCODE MSB tSU tV |