| データシートサーチシステム |
|
AT83SND1CXXX-ROTUL データシート(PDF) 165 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT83SND1CXXX-ROTUL データシート(HTML) 165 Page - ATMEL Corporation |
|
165 / 212 page ![]() 165 4109J–8051–10/06 AT8xC51SND1C Figure 19-6. Format and States in the Slave Transmitter Mode A Data B0h A SLA Data A From master to slave From slave to master Any number of data Bytes and their associated acknowledge bits This number (contained in SSSTA) corresponds to a defined state of the TWI bus SR A8h A P or S C0h All 1’s AP or S C8h nnh Data B8h A Arbitration lost as master and addressed as slave Reception of the own slave address and transmission of one or more data Bytes. Last data Byte transmitted. Switched to not addressed slave (SSAA = 0). |