| データシートサーチシステム |
|
AT83SND1CXXX-ROTUL データシート(PDF) 24 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT83SND1CXXX-ROTUL データシート(HTML) 24 Page - ATMEL Corporation |
|
24 / 212 page ![]() 8 4109J–8051–10/06 AT8xC51SND1C Reset Value = XXXX XXXX, UUUU UUUU after an hardware full chip erase. Reset Value = XXXX XXXX, UUUU UUUU after an hardware full chip erase. Bit Number Bit Mnemonic Description 7 - 0 ADD15:8 MSB of the user’s boot loader 16-bit address location Refer to the boot loader datasheet for usage information (boot loader dependent) Table 25. SSB Byte – Software Security Byte 7654 3210 SSB7 SSB6SSB5SSB4SSB3SSB2SSB1 SSB0 Bit Number Bit Mnemonic Description 7 - 0 SSB7:0 Software Security Byte Data Refer to the boot loader datasheet for usage information (boot loader dependent) |