データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AT83SND1CXXX-ROTUL データシート(PDF) 4 Page - ATMEL Corporation

部品番号 AT83SND1CXXX-ROTUL
部品情報  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND1CXXX-ROTUL データシート(HTML) 4 Page - ATMEL Corporation

  AT83SND1CXXX-ROTUL Datasheet HTML 1Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 2Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 3Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 4Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 5Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 6Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 7Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 8Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 212 page
background image
4
4109J–8051–10/06
AT8xC51SND1C
Figure 4-2.
AT8xC51SND1C 81-pin BGA Package
Notes:
1. ISP pin is only available in AT89C51SND1C product.
Do not connect this pin on AT83SND1C and AT80C51SND1C product.
2. PSEN pin is only available in AT80C51SND1C product.
P5.0
8
97
6
5
4
3
2
C
B
A
D
E
F
G
H
1
ALE
P1.1
P1.4
VDD
X2
VSS
UVDD
D+
ISP
1/
P1.5
X1
PVSS
TST
D-
VSS
P0.0/
P1.0/
P1.7/
PVDD
UVSS
VDD
P3.1/
P3.0/
P0.2/
P5.1
P1.6/
FILT
P3.4/
P3.5/
P3.3/
P3.2/
VDD
P0.1/
VSS
P0.5/
AVDD
P3.7/
AIN0
P3.6/
P4.2/
P4.3/
P0.6
P0.7/
P2.7/
MDAT
P5.3
AVSS
AREFN
P4.0/
P4.1/
P2.1/
P4.5
VSS
MCLK
DOUT
AIN1
AREFP
P2.0/
P4.7
P2.2/
P2.6/
P2.3/
MCMD
SCLK
VSS
P5.2
P4.6
P4.4
P2.5/
P2.4/
VDD
RST
DSEL
DCLK
VDD
J
KIN0
P1.3/
KIN3
P1.2/
KIN2
SS
MOSI
MISO
SCK
AD2
P0.3/
AD3
A8
P0.4/
AD4
AD0
AD1
AD7
AD5
A9
A10
A12
A11
A13
A14
A15
SCL
SDA
RXD
TXD
INT0
INT1
T1
T0
RD
WR
PSEN
2
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More