| データシートサーチシステム |
|
AT83SND1CXXX-ROTUL データシート(PDF) 31 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT83SND1CXXX-ROTUL データシート(HTML) 31 Page - ATMEL Corporation |
|
31 / 212 page ![]() 31 4109J–8051–10/06 AT8xC51SND1C Reset Value = X000 1101b 1 EXTRAM External RAM Enable Bit Set to select the external XRAM when executing MOVX @Ri or MOVX @DPTR instructions. Clear to select the internal expanded RAM when executing MOVX @Ri or MOVX @DPTR instructions. 0AO ALE Output Enable Bit Set to output the ALE signal only during MOVX instructions. Clear to output the ALE signal at a constant rate of FCPU/3. Bit Number Bit Mnemonic Description |