| データシートサーチシステム |
|
T89C5115-RATIM データシート(PDF) 70 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
T89C5115-RATIM データシート(HTML) 70 Page - ATMEL Corporation |
|
70 / 113 page ![]() 70 AT89C5115 4128F–8051–05/06 Table 52. WDTRST Register WDTRST (S:A6h Write Only) – Watchdog Timer Enable register Reset Value = 1111 1111b Note: The WDRST register is used to reset/enable the WDT by writing 1EH then E1H in sequence without instruction between these two sequences. 76 54 32 1 0 -- --- -- - Bit Number Bit Mnemonic Description 7 - Watchdog Control Value |