| データシートサーチシステム |
|
CC1110-RTY1 データシート(PDF) 47 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC1110-RTY1 データシート(HTML) 47 Page - Texas Instruments |
|
47 / 203 page ![]() CC1110 CC1110 PRELIMINARY Datasheet (Rev. 1.01) SWRS033A Page 47 of 202 IEN0 (0xA8) – Interrupt Enable 0 Register Bit Name Reset R/W Description Disables all interrupts. 0 No interrupt will be acknowledged 7 EA 0 R/W 1 Each interrupt source is individually enabled or disabled by setting its corresponding enable bit 6 - 0 R0 Not used. Read as 0 STIE – Sleep Timer interrupt enable 0 Interrupt disabled 5 STIE 0 R/W 1 Interrupt enabled ENCIE – AES encryption/decryption interrupt enable 0 Interrupt disabled 4 ENCIE 0 R/W 1 Interrupt enabled URX1IE– USART1 RX interrupt enable 0 Interrupt disabled 3 URX1IE 0 R/W 1 Interrupt enabled URX0IE - USART0 RX interrupt enable 0 Interrupt disabled 2 URX0IE 0 R/W 1 Interrupt enabled ADCIE – ADC interrupt enable 0 Interrupt disabled 1 ADCIE 0 R/W 1 Interrupt enabled RFRXTXIE – RF TX/RX done interrupt enable 0 Interrupt disabled 0 RFTXRXIE 0 R/W 1 Interrupt enabled |