| データシートサーチシステム |
|
CC1110-RTY1 データシート(PDF) 50 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC1110-RTY1 データシート(HTML) 50 Page - Texas Instruments |
|
50 / 203 page ![]() CC1110 CC1110 PRELIMINARY Datasheet (Rev. 1.01) SWRS033A Page 50 of 202 TCON (0x88) – Interrupt Flag Bit Name Reset R/W Description URX1IF – USART1 RX interrupt flag. Set to 1 when USART1 RX interrupt occurs and cleared when CPU vectors to the interrupt service routine. 0 Interrupt not pending 7 URX1IF 0 R/W H0 1 Interrupt pending 6 - 0 R/W Not used ADIF – ADC interrupt flag. Set to 1 when ADC interrupt occurs and cleared when CPU vectors to the interrupt service routine. 0 Interrupt not pending 5 ADIF 0 R/W H0 1 Interrupt pending 4 - 0 R/W Not used URX0IF – USART0 RX interrupt flag. Set to 1 when USART0 interrupt occurs and cleared when CPU vectors to the interrupt service routine. 0 Interrupt not pending 3 URX0IF 0 R/W H0 1 Interrupt pending 2 IT1 1 R/W Reserved. Must always be set to 1. RFTXRXIF – RF TX/RX complete interrupt flag. Set to 1 when RFTXRX interrupt occurs and cleared when CPU vectors to the interrupt service routine. 0 Interrupt not pending 1 RFTXRXIF 0 R/W H0 1 Interrupt pending 0 IT0 1 R/W Reserved. Must always be set to 1. |