| データシートサーチシステム |
|
CC1110-RTY1 データシート(PDF) 52 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC1110-RTY1 データシート(HTML) 52 Page - Texas Instruments |
|
52 / 203 page ![]() CC1110 CC1110 PRELIMINARY Datasheet (Rev. 1.01) SWRS033A Page 52 of 202 IRCON (0xC0) – Interrupt Flag 4 Bit Name Reset R/W Description STIF – Sleep timer interrupt flag 0 Interrupt not pending 7 STIF 0 R/W 1 Interrupt pending 6 - 0 R/W Not used P0IF – Port 0 interrupt flag 0 Interrupt not pending 5 P0IF 0 R/W 1 Interrupt pending T4IF – Timer 4 interrupt flag. Set to 1 when Timer 4 interrupt occurs and cleared when CPU vectors to the interrupt service routine. 0 Interrupt not pending 4 T4IF 0 R/W H0 1 Interrupt pending T3IF – Timer 3 interrupt flag. Set to 1 when Timer 3 interrupt occurs and cleared when CPU vectors to the interrupt service routine. 0 Interrupt not pending 3 T3IF 0 R/W H0 1 Interrupt pending T2IF – Timer 2 interrupt flag. Set to 1 when Timer 2 interrupt occurs and cleared when CPU vectors to the interrupt service routine. 0 Interrupt not pending 2 T2IF 0 R/W H0 1 Interrupt pending T1IF – Timer 1 interrupt flag. Set to 1 when Timer 1 interrupt occurs and cleared when CPU vectors to the interrupt service routine. 0 Interrupt not pending 1 T1IF 0 R/W H0 1 Interrupt pending DMAIF – DMA complete interrupt flag. 0 Interrupt not pending 0 DMAIF 0 R/W 1 Interrupt pending |