| データシートサーチシステム |
|
CC1110-RTY1 データシート(PDF) 116 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC1110-RTY1 データシート(HTML) 116 Page - Texas Instruments |
|
116 / 203 page ![]() CC1110 CC1110 PRELIMINARY Datasheet (Rev. 1.01) SWRS033A Page 116 of 202 TIMIF (0xD8) – Timers 1/3/4 Interrupt Mask/Flag Bit Name Reset R/W Description 7 - 0 R0 Unused 6 OVFIM 1 R/W Timer 1 overflow interrupt mask 5 T4CH1IF 0 R/W0 Timer 4 channel 1 interrupt flag 0 : no interrupt is pending 1 : interrupt is pending Writing a 1 has no effect. 4 T4CH0IF 0 R/W0 Timer 4 channel 0 interrupt flag 0 : no interrupt is pending 1 : interrupt is pending Writing a 1 has no effect. 3 T4OVFIF 0 R/W0 Timer 4 overflow interrupt flag 0 : no interrupt is pending 1 : interrupt is pending Writing a 1 has no effect. 2 T3CH1IF 0 R/W0 Timer 3 channel 1 interrupt flag 0 : no interrupt is pending 1 : interrupt is pending Writing a 1 has no effect. 1 T3CH0IF 0 R/W0 Timer 3 channel 0 interrupt flag 0 : no interrupt is pending 1 : interrupt is pending Writing a 1 has no effect. 0 T3OVFIF 0 R/W0 Timer 3 overflow interrupt flag 0 : no interrupt is pending 1 : interrupt is pending Writing a 1 has no effect. |